Part Number Hot Search : 
587P8915 LTC40 XXXBB 23K014 CXXXXT AM4535C BCM857BV 2N7002W
Product Description
Full Text Search
 

To Download 1N459AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0023, rev . 1 (11 2020 ) ?2011 microsemi corporation page 1 of 3 1n457a thru 1n459a available on commercial versions switching diode qualified per mil -prf- 19500/193 qualified level : jan description these popular 1n4 57 C 1n4 59 series of jedec registered switchi ng/signal diodes are metallurgical ly bonded . these small low capacitance diodes with very fast switching speeds are hermetically sealed and bonded into a double - plug do - 35 package. they may be used in a variety of fast switching applications. microsemi also offers a variety of other switching/signal diodes. do - 35 package important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n 45 7 a thru 1n459a series . ? tightened v f of 1 v max at 100 ma . ? m etallurgical ly bonded . ? hermetically sealed. ? double plug construction. ? jan qualification per mil - prf - 19500/193 available . ? rohs compliant versions available (commercial grade only) . applications / benefits ? small size for high density mounting using flexible thru - hole leads (see package illustration). ? high frequency data lines: ? rs - 232 & rs C 422 i nterface networks ? ethernet 10 base t links ? switching core drivers ? l ocal area networks ? computers maximu m ratings @ 25 o c unless stated otherwise. msc C law rence 6 lake street, lawrence, ma 01841 1- 800 - 446 - 1158 (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parame ters/test conditions symbol value unit junction temperature t j - 65 to +150 o c storage temp erature t stg - 65 to +1 75 o c maximum reverse voltage 1n457 a 1n458 a 1n459 a v rm 70 150 200 v working peak reverse voltage 1n457 a 1n458 a 1n459 a v rw m 60 125 175 v maximum average dc output current @ t a = +25 o c (1) i o 150 ma forward current 1n457 a 1n458 a 1n459 a i f 225 165 120 ma steady - state power dissipation p d 500 mw notes : 1. derate i o linearly to 0.0 ma at +150 c. downloaded from: http:///
t4 - lds - 0023, rev . 1 (11 2020 ) ?2011 microsemi corporation page 2 of 3 1n457a thru 1n459a mechanical and packaging ? case: hermetically sealed glass package . ? terminal s: tin/lead or rohs compliant m atte/ t in (commercial grade only) plated c opper clad steel . ? marking: blue body coat with black digits . ? polarity: cathode end is banded . ? tape & reel option: standard per e ia - 296. consult factory for quantities. ? w eight: 0.2 grams. ? see p ackage d imensions on last page. part nomenclature jan 1n 4 57 a (e3) reliability level jan = jan level blank = commercial jedec type number (s ee e lectrical characteristic s t able ) rohs compliance e3 = rohs compliant ( available on commercial grade only ) blank = non - rohs compliant commercial grade (omitted i n jan level part number ) symbols & defi nitions symbol definition i f forward current . i o average rectified output current: the output current averaged over a full cycle with a 50 hz or 60 hz si ne - wave input and a 180 degree conduction angle. i r reverse current: the maximum reverse (leakage) current that will flow at the specified volt age and temperature. v f maximum forward voltage: the maximum forward voltage the device will exhibit at a specified curr ent. v rw m working peak reverse voltage: the maximum peak voltage that can be applied over the operating temperature range excluding all transient voltages (ref jesd282 - b). also sometimes known as piv. v wm working peak voltage: the maximum peak voltage that can be applied over the operating temperature range. this is also referred to as standoff voltage. downloaded from: http:///
t4 - lds - 0023, rev . 1 (11 2020 ) ?2011 microsemi corporation page 3 of 3 1n457a thru 1n459a electrical characteristics @ 25 o c unless stated otherwise. part number forward voltage v f1 @ i f (note 1) reverse current i r1 @ v rw m i r2 @ v rm i r3 @ v rw m low temp operating forward vo l tage v f2 @ i f = 100 ma pulse d v t a = +25 o c na t a = + 25 o c a t a = +150 o c a t a = - 55 o c v 1n457 1.0 25 1 5 1.2 1n458 1.0 25 1 5 1.2 1n459 1.0 25 1 5 1.2 notes: 1. i f = 100 ma, t p = 8.5 ms, max duty cycle 2 percent (pulsed). package dimensions notes: 1. dimen sions are in inches. 2. millimeters are given for general information only. 3. in accordance with asme y14.5m, diameters are equivalent to x symbology. dimensions ltr inches millimeters min max min max bd .056 .075 1.42 1.90 bl .140 .180 3.56 4.57 ld .018 .022 0.46 0.56 ll 1.000 1.500 25.40 38.10 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N459AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X